PART |
Description |
Maker |
STB80PF5506 STP80PF55 |
P-channel 55V - 0.016Ω - 80A - TO-220 - D2PAK STripFET II Power MOSFET P-channel 55V - 0.016楼? - 80A - TO-220 - D2PAK STripFET垄芒 II Power MOSFET P-channel 55V - 0.016ヘ - 80A - TO-220 - D2PAK STripFET⑩ II Power MOSFET
|
STMicroelectronics
|
STB80NF55-06-1 |
晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 80A条(丁)|62AA TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 80A I(D) | TO-262AA N-CHANNEL 55V 0.005 OHM 80A TO-220/TO-220FP/I2PAK STRIPFET II POWER MOSFET
|
SGS Thomson Microelectronics
|
STP80NF55-06FP STP80NF55-06 6737 |
N - CHANNEL 55V - 0.005 - 80A TO-220/TO-220FP STripFET TM POWER MOSFET From old datasheet system N - CHANNEL 55V - 0.005ohm - 80A TO-220/TO-220FP STripFET POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STP141NF55 STB141NF55-1 STB141NF55 |
N-channel 55V - 0.0065Ω - 80A - D2PAK - I2PAK - TO-220 STripFET II Power MOSFET N-channel 55V - 0.0065Ω - 80A - D2PAK - I2PAK - TO-220 STripFET?/a> II Power MOSFET N-channel 55V - 0.0065ヘ - 80A - D2PAK - I2PAK - TO-220 STripFET⑩ II Power MOSFET
|
STMicroelectronics
|
STP80PF55 |
P-CHANNEL 55V - 0.016 OHM - 80A TO-220 STRIPFET II POWER MOSFET N - CHANNEL POWER MOSFET P-CHANNEL 55V - 0.016 ohm - 80A TO-220 STripFET⑩ II POWER MOSFET P-CHANNEL 55V - 0.016 ohm - 80A TO-220 STripFET II POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STB185N55 STP185N55 B185N55 P185N55 |
120 A, 55 V, 0.0035 ohm, N-CHANNEL, Si, POWER, MOSFET N-channel 55V - 2.9mohm - 120A - D2PAK/TO-220 N沟道55V 2.9mohm - 120A D2PAK/TO-220
|
STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
STP80NF55L-08 |
N-CHANNEL 55V - 0.0065 OHM - 80A TO-220 STRIPFET II POWER MOSFET
|
ST Microelectronics
|
STB85NF55T4 |
N-CHANNEL 55V - 0.0062 OHM - 80A D2PAK/TO-220 STRIPFET II POWER MOSFET
|
ST Microelectronics
|
IRF5M4905 IRF5M4B905 |
Avalanche Energy Ratings THRU-HOLE (TO-254AA) 55V, P-CHANNEL POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.03ohm, Id=-35A*)
|
International Rectifier
|
IRFI1010N IRFI1010 |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=49A) Power MOSFET(Vdss=55V Rds(on)=0.012ohm Id=49A) HEXFET? Power MOSFET Power MOSFET(Vdss=55V/ Rds(on)=0.012ohm/ Id=49A)
|
IRF[International Rectifier]
|
STE110NS20FD |
N-CHANNEL 200V 0.022 OHM 110A ISOTOP MESH OVERLAY MOSFET N-CHANNEL 200V - 0.022W - 110A ISOTOP MESH OVERLAY Power MOSFET N-CHANNEL 200V - 0.022W - 110A ISOTOP MESH OVERLAY⑩ Power MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRF5N4905 |
-55V Single P-Channel Hi-Rel MOSFET in a SMD-1 package POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.024ohm, Id=-55A*) SURFACE MOUNT (SMD-1) 55V, P-CHANNEL POWER MOSFET P-CHANNEL(Vdss=-55V/ Rds(on)=0.024ohm/ Id=-55A*)
|
IRF[International Rectifier]
|